Part Number Hot Search : 
27C64 ADF7242 BAS40XY 2SPA1 LM2901N 4ADR2 UG425 HD74H
Product Description
Full Text Search
 

To Download 1N4448-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds12019 rev. 6 - 2 1 of 2 1n4148 / 1n4448 www.diodes.com  diodes incorporated features 1n4148 / 1n4448 fast switching diode  fast switching speed  general purpose rectification  silicon epitaxial planar construction  lead free finish, rohs compliant (note 2) characteristic symbol 1n4148 1n4448 unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 300 500 ma average rectified output current (note 1) i o 150 ma non-repetitive peak forward surge current @ t = 1.0s @ t = 1.0  s i fsm 1.0 2.0 a power dissipation (note 1) derate above 25  c p d 500 1.68 mw mw/  c thermal resistance, junction to ambient air (note 1) r  ja 300  c/w operating and storage temperature range t j ,t stg -65 to +175  c maximum ratings @ t a = 25  c unless otherwise specified notes: 1. valid provided that device terminals are kept at ambient temperature. 2. ec directive 2002/95/ec (rohs) revision 13.2.2003. glass and high temperature solder exemptions applied where applicable, see eu directive annex notes 5 and 7 . characteristic symbol min max unit test condition maximum forward voltage 1n4148 1n4448 1n4448 v fm  0.62  1.0 0.72 1.0 v i f = 10ma i f = 5.0ma i f = 100ma maximum peak reverse current i rm  5.0 50 30 25  a  a  a na v r = 75v v r = 70v, t j = 150  c v r = 20v, t j = 150  c v r = 20v total capacitance c t  4.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = 10ma to i r =1.0ma v r = 6.0v, r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified features  case: do-35  case material: glass  moisture sensitivity: level 1 per j-std-020c  leads: solderable per mil-std-202, method 208  terminals: finish  sn96.5ag3.5. solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 0.13 grams (approximate) mechanical data a a b c d do-35 dim min max a 25.40  b  4.00 c  0.60 d  2.00 all dimensions in mm
ds12019 rev. 6 - 2 2 of 2 1n4148 / 1n4448 www.diodes.com 1 10 100 1000 10,000 0 100 200 i , leakage current (na) r t , junction temperature ( c) fig. 2, leakage current vs junction temperature j v = 20v r 10 1.0 100 1000 0.1 0.01 0 0.4 0.8 1.2 1.6 2.0 i , instantane o us f o rward current (ma) f v , instantaneous forward voltage (v) fig. 1 forward characteristics f ordering information device packaging shipping 1n4148-a do-35 10k/ammo pack 1n4148-t do-35 10k/tape & reel, 13-inch 1N4448-A do-35 10k/ammo pack 1n4448-t do-35 10k/tape & reel, 13-inch notes: 3. for packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf. (note 3) important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of 1N4448-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X